|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com Beyond Innovation Technology Co., Ltd. BIT3193 BIT3193 High Performance PWM Controller Preliminary Version: 0.03 Notice All information contained in this document is subject to change without notice. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of Beyond Innovation Technology Co., Ltd. 04/11/08 Confidential, for authorized user only page 1 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Pin Layout: INN CMP LOAD CTOSC TIMER ONOFF GND NOUT2 1 16 MODSEL ISEN CLAMP PWMDC CTPWM PWMOUT VDD NOUT1 Features: 4.5V ~ 8V operation Fixed High Frequency, Voltage Mode PWM Control Topology Latched Off Protection Build-In Low Frequency PWM Generator Build-In UVLO Low Power CMOS Process Totem Pole Output 16 Pin Package 8 9 Applications: DC/DC Converters LCD TV LCD Monitor Notebook Computer Tablet PC Personal Digital Assistants Navigation Devices (GPS Equipment) Video Phone/ Door Phone Portable consumer product General Description: BIT3193 integrated circuit provides the essential features for general purpose PWM controller in a small low cost 16-pin package. BIT3193 has built-in a low frequency PWM generator for any specified application. BIT3193 includes latched off protection feature may make the system more reliable while compare to other similar products. Recommended Operating Condition: Supply Voltage..................................4.5 ~ 8V Operating Ambient Temperature............0 ~ 70 J Operating Frequency..........................50K ~ 400K Hz Functional Block Diagram: 04/11/08 Confidential, for authorized user only page 2 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Pin Description: Pin No. 1 2 3 4 Symbol INN CMP LOAD CTOSC I/O Descriptions I The inverting input of the error amplifier. O Output of the error amplifier. A switch that connected to the high frequency triangle wave generator. I/O This switch is open while ISEN pin <1.3V. An external resistor connected here may change the operation frequency of CTOSC in open load situation. An external capacitor connected here can set the frequency of high frequency I/O PWM controller. With internal reference current and an external capacitor connected here can set the required period of starting and the timing of initialization. The controller is forced to reset mode while TIMER <0.3V. During reset mode, a ~ 60uA current will flow into the INN pin to reduce the output level of the error I/O amplifier CMP to turn off the controller. The latched off protection function will be enabled after this node is charged to > 2.5V. System is latched off if any abnormal operation is detected if pin TIMER > 2.5V. The output current of this pin is 20uA when TIMER < 0.3V. The output current becomes to 1uA when TIMER > 0.3V The control pin of turning on or off the IC. 1V threshold with an internal 80KO I 15% ohm pull-low resistor. I/O The ground pin of the device. O The number 2 output driver for driving the NMOSFET switch. O The number 1 output driver for driving the NMOSFET switch. I The power supplies pin of the device. The output pin of low frequency PWM generator. A 2.5V or floating two state O output is provided through this pin. The internal circuit limits the max. Duty-cycle to ~ 92%. With the internal reference current and an external capacitor connected here I/O can set the operation frequency of low frequency PWM generator with 1.0V ~ 2.5V triangle wave output. Low frequency PWM controlling input. A PWM output comes out by I comparing this DC input and the 1.0 ~ 2.5V triangle wave that is generated by CTPWM. Over voltage clamping. If a > 2.0 V voltage is detected. A ~ 60uA current will I flow into the INN pin to reduce the output of the error amplifier pin CMP to regulate the output voltage. Load current detection pin, the open load situation is detected if a less than I 1.3V input is sensed. O To set the output polarity of the low frequency PWM controller. 5 TIMER 6 7 8 9 10 11 12 13 14 15 16 ONOFF GND NOUT2 NOUT1 VDD PWMOUT CTPWM PWMDC CLAMP ISEN MODSEL 04/11/08 Confidential, for authorized user only page 3 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Table 2 BIT3193 initial state Pin Number Pin Name Status Force to VDD 1 INN ( With ~ 60uA current source) 4 CTOSC Normally run 8 NOUT1 Forced to GND level 9 NOUT2 Forced to GND level 11 PWMOUT Floating 12 CTPWM Normally run Functional Description: Trimmed Band Gap References: An internal trimmed band-gap reference provides a high accuracy, supply and temperature insensitive voltage reference. By amplifying or dividing this voltage can generate the other required references. To Set the Operation Frequency of High Frequency PWM Controller: An external capacitor CCTOSC pin CTOSC determines the frequency as equation (1) The frequency of the high frequency PWM controller is: The Latched Off Protection_1: FHFPWM = K HF , K HF = 8.2e - 5 ............(1) C CTOSC or a 100KHz operation PWM control system if an 820pF capacitor is connected to pin CTOSC. Equation (1) is valid only when VDD=6V, temperature=30C and frequency 80K ~ 120KHz. Fig. 5 shows the relationship between the frequency of the high frequency PWM and CTOSC capacitance. The ISEN pin may be used to detect if the operation is under well control during normal operation. In most of the applications to define a " staring period", in which period no signal feed back from the load side, is necessary. BIT3193 disable the latched off function when TIMER < 2.5V. If TIMER >2.5V and ISEN < 1.3V for 32 cycles of low frequency PWM. BIT3193 will shut the output pins NOUT1 and NOUT2 down until the system is powered on again. The CLAMP pin may be used to detect if the PWM control system operates normally too. A ~ 60uA current source will charge the INN pin to reduce the output of CMP while CLAMP > 2.0V. The latched off over voltage protection performs while TIMER > 2.5V. If TIMER > 2.5V and CLAMP >2.0 V for 14 cycles of high frequency PWM. BIT3193 will shut the output pins NOUT1 and NOUT2 down until the system is powered on again. The Latched Off Protection_2: CTOSC VS. Frequency 250.00 200.00 150.00 100.00 50.00 0.00 300 500 700 900 1100 1300 1500 Frequency(KHz) To Set The Frequency Deviation of High Frequency PWM During Different Loading Condition: The LOAD pin may be used to change the frequency of CTOSC when ISEN < 1.3V. In many cases, the resonance frequency of the load is varied while the load is changed. For obtaining the better performance, the operation frequency of the PWM controller must fit to the resonance frequency of the load. A connect to GND resistor may increase the operation frequency of CTOSC. The following diagram shows how the load resistance changes the 100KHz operation frequency of CTOSC pin. In above case, CTOSC is connected by an 820pF capacitor. The normal operation frequency of high frequency PWM is 100KHz. If a different frequency says Fn is the set for normal operation. Fig.5 CTOSC(pF) The Power On Initialization: An internal current source charges the external capacitor connected on TIMER pin determines the initialization timing of BIT3193. This current provides ~ 20uA when TIMER pin less than 0.3V, and ~ 1uA when TIMER pin > 0.3V. BIT3193 is in an "initial state" when TIMER < 0.3V. Table 2 lists the status of each key features during TIMER < 0.3V. 04/11/08 Confidential, for authorized user only page 4 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Setting the Frequency of Low Frequency PWM Generator: An internal trimmed low frequency oscillator generates a 3% accurate frequency on CTPWM pin with external capacitors. The capacitor values versus operation frequencies are as bellow: OAD eRsisotr VS. CTOSC Freq u n cy Dev iaion L t 2 0 0.00 17 5 .00 150.00 12 5 .00 v( CTOSC Freucqny eDiatino KHz) 100.00 9 1 .40 7 5 .00 50.00 2 5 .00 0.00 0 20 40 OAD eRsiso r Ko h m) L ( 60 80 100 7 6 .2 0 63.50 54.40 45.7 0 17 3 .30 CTOSC=100KHz 151.10 12 6 .50 108 .7 0 FLFPWM = 4512 .............(3) [C CTPWM + 0.005]nF Note: Above equation (3) is valid only when operating frequency is between 150Hz ~ 1.5KHz The logic high output of pin PWMOUT is made by an 2.5V DC voltage and the floating state makes the logic low portion. MODSEL pin provides the polarity selection of LF_PWM generator. If MODSEL pin is 0V, a 0% duty cycle is obtained when PWMDC < 1.0V. If this pin is pulled to IC VDD level, 0% duty cycle is obtained while PWMDC> 2.5V. Note: BIT3193 limits the maximum duty cycle to ~ 92 %. PWMOUT sends the pulses when ISEN >1.3V or TIMER >2.5V. 38 .7 0 32 .10 2 6 .8 0 Fig.6 Then the frequency deviation can be calculated as Equation (2) F100 KHz x Fn Fn = .......... ...(2) 100KHz UVLO: The under-voltage-lookout circuit turns the output driver off when supply voltage drops too low. Whole system includes the protection and timing circuits are reset (pin TIMER =0) in low VDD state. DC/AC Characteristics: Absolute Ratings: Table 3 Parameter Supply Voltage Ground Input pin Voltage Operating Ambit Temperature Operating Junction Temperature Storage Temperature Symbol Ratings VDD -0.3~+ 9 GND 0.3 -0.3~ VDD+0.3 Ta 0~ +70 +150 -55~+150 Unit V V V X C X C X C Remarks Ta=25C DC/AC Characteristics 04/11/08 Confidential, for authorized user only page 5 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Test Conditions Min. 4.0 4 Table 4 Parameter Supply Voltages Pin VDD input Typ. Max. 8 Unit V mA 8V Supply Voltage Chip Consumed Current Ta=25C Error Amplifier Reference Voltage Non-Inverting input of the error Measure INN amplifier Line regulation VDD=4.0~13.2 V Under Voltage Look Out Positive Going Threshold Ta=25C Note3 1.2125 1.25 2 1.2875 20 4.2 0.3 400 V mV V V KHz V V V dB MHz uA uA V V V mV V mV uA V V Hz V V V 3.8 4.0 0.2 Hysteresis 0.1 High Frequency Ramp Wave Generator Operating Frequency 50 Note1 Output peak(CTOSC) Output valley(CTOSC) Error Amplifier Input voltage 0.1 Note2 Open loop gain 60 Unit gain band width 1 Power On Initialization and Latched Off Protection Enable Pin TIMER Output current Case1. TIMER <0.3V Pin TIMER Output current Case1. TIMER > 0.3V VDD=12V, Ta=25C Power On Reset/Initialization Note 3 threshold on pin TIMER Latched Off Protection enable threshold on pin TIMER Open Load Detection Pin ISEN open load detection VDD=12V, Ta=25C lower threshold Hysterisis Over Voltage Detection and Clamping Pin CLAMP over voltage detection lower threshold VDD=12V, Ta=25C Hysterisis INN pin pull-up current source Low Frequency PWM Generator Ramp Wave Peak(CTPWM) Ramp Wave Valley(CTPWM) PWM Frequency 10 Control voltage of 0 % Duty cycle on pin PWMDC Case 1. MODSEL = 0V Control voltage of 0 % Duty cycle VDD=12V, Ta=25C on pin PWMDC Case 1. MODSEL = ICVDD Output voltage of Pin PWMOUT for making the logic "high". Pin PWMOUT output for making the logic "low" Maximum Duty Cycle Output CMOS output impedance (Note2, Note3) Rising Time VDD=12V, 2000pF(Note2, Falling Time Note3) Delay Time 2.25 0.5 3 80 1.5 20 1 0.3 2.5 1.3 20 2.0 20 60 2.5 1.0 100K 1.0 2.5 2.5 Floating 92 50 110 100 200 % ohm nS nS nS 04/11/08 Confidential, for authorized user only page 6 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Note 1. The output driver frequency is the half of the ramp wave frequency. Note 2. Only verified by simulation. Not 100% tested. Note 3. The voltages of the output drivers are pulled to GND in each off states. Timing Diagram BIT3193 fixed frequency push pull driving methodology to drive the load. The power switches; NMOSFETs are driven by fixed frequency PWM controlled signals. The detail timing relationship is shown as bellow: The maximum duty cycle of NOUT1 and NOUT2 are < 50% with 180X phase shift. Fig. 3 The timing of another low frequency PWM generator is as bellow: A 51Kohm pulled-low resistor is connected on PWMOUT pin in this example. CTPWM PWMDC ISEN(TIMER) 1.3V(2.5V) PWMOUT ( MODE = " 0" ) PWMOUT ( MODE = " 1" ) Fig. 4 04/11/08 Confidential, for authorized user only page 7 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Order Information: BIT3193-SO SO: SOP SS: SSOP DP: DIP Part number Beyond Innovation Technology Co., Ltd. Package Information : SOP type : 04/11/08 Confidential, for authorized user only page 8 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 SSOP type : DIP type : 04/11/08 Confidential, for authorized user only page 9 of 10 www..com Beyond Innovation Technology Co., Ltd. BIT3193 Copyright (c) 2004 Beyond Innovation Technology Co., Ltd All rights are reserved. Reproduction in whole or in parts is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Life Support Applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in person injury. BiTEK customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify BiTEK for any damages resulting from such improper use or sale. 04/11/08 Confidential, for authorized user only page 10 of 10 |
Price & Availability of BIT3193 |